PART |
Description |
Maker |
ADSP-2185LKST-133 ADSP-2185LBST-133 ADSP-2185LBST- |
DSP Microcomputer LM2941/LM2941C 1A Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Qty per Container: 25; Container: Rail
|
Analog Devices, Inc.
|
ADSP-2183KST-133 ADSP-2183BST-133 ADSP-2183KST-210 |
24-BIT, 20 MHz, OTHER DSP, PQFP128 LM2941/LM2941C 1A Low Dropout Adjustable Regulator; ; Container: Tray DSP Microcomputer 24-BIT, 14.4 MHz, OTHER DSP, PQFP128
|
ANALOG DEVICES INC Analog Devices, Inc.
|
8178 A8178LLR A8178LLT |
Low-Dropout, 7.7 V Preregulator(浣??宸??7.7V棰?ǔ???) Low-Dropout, 7.7 V Preregulator(低压差,7.7V预稳压器) 低压差,7.7 V前置稳压器(低压差,7.7V预稳压器 LOW-DROPOUT, 7.7 V PREREGULATOR 低压差,7.7 V前置稳压 DCMM37SM LOW-DROPOUT/ 7.7 V PREREGULATOR LOW-DROPOUT 7.7 V PREREGULATOR From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
AMC7637-1.5 AMC7637 AMC7637-1.8 AMC7637-2.5 AMC763 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
|
ADDtek Corp.
|
LND-7900 |
NEGATIVE VOLTAGE LOW DROPOUT REGULATORS Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
ZXCL5213V28H5TA ZXCL5213V40H5TA ZXCL5213V25H5TA ZX |
Micropower SC70-5 Low Dropout Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.325 V DROPOUT, PDSO5 Micropower SC70-5 & SOT23-5 low dropout regulators
|
Diodes Incorporated
|